PART |
Description |
Maker |
CAT93C57YI-1.8T2REVE CAT93C56YI-1.8T2REVE CAT93C56 |
128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 4.40 MM, GREEN, MO-153, TSSOP-8 2 kb Microwire Serial EEPROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 128 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8
|
Rectron Semiconductor
|
CAT93W66 CAT93C6612KI-28TE13 CAT93W66VP2I-GT3 CAT9 |
4 kb Microwire Serial CMOS EEPROM Self?timed Write Cycle with Auto?clear 4 kb Microwire Serial CMOSEEPROM
|
ON Semiconductor
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT93C46 AT93C46-10PC AT93C46-10PC-1.8 AT93C46-10PC |
3-Wire Serial EEPROMs 3线串行EEPROM 3-Wire Serial EEPROMs 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 CONN UHF JACK 4 HOLE FLANGE MT 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 122 x 32 pixel format, Compact LCD size 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 128 x 64 pixel format, LED or EL Backlight available 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 DC-DC Converter; Supply Voltage:36V; Output Voltage:3.3V; Number of Outputs:1; Power Rating:100W; Mounting Type:PC Board; Series:Eighth-Brick; Efficiency:90%; Leaded Process Compatible:Yes; Output Current:20A RoHS Compliant: Yes SH2 Series, 7606 Group, UBC, SDRAM, PCMCIA, Host I/F, 2-ch CMT, 16KB unified 4 way set associative cache BP-176V; Vcc= 3.0 to 3.6 volts, Temp= -40 to 85 C; Package: PLBG0176GA-A SH2 Series, 7606 Group, UBC, SDRAM, PCMCIA, Host I/F, 2-ch CMT, 16KB unified 4 way set associative cache BP-176V; Vcc= 3.0 to 3.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A -3-Wire Serial EEPROMs 3-WireSerialEEPROMs 3-Wire Serial EEPROMs
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
93LC66B-ISM 93LC66A 93LC66A-ST 93LC66A-SN 93LC66A- |
4K 2.5V Microwire Serial EEPROM(4K2.5V,具上掉电数据保护电路,Microwire接口EEPROM) 4K 2.5V Microwire Serial EEPROM
|
http:// Microchip Technology Inc.
|
93LC76-/P 93LC76-I/P 93LC76-I/SN 93LC76-/SN 93LC86 |
1K X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 8K/16K 2.5V Microwire Serial EEPROM
|
http:// Microchip Technology
|
93AA46BXT-E_MC 93AA46BXT-E_MS 93AA46BXT-E_OT 93AA4 |
64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1K Microwire Compatible Serial EEPROM
|
Microchip Technology
|
93LCS56 93LCS56-IP 93LCS56-ISL 93LCS56-ISM 93LCS56 |
2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect 2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect 2K/4K 2.5V的Microwire串行EEPROM,带有软件写保护 Connectors XC95144 In-System Programmable CPLD SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. Xilinx Inc MICROCHIP[Microchip Technology] ST Microelectronics
|
93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG |
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial ... This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial EERPOM 1K Microwire Compatible Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
93AA76A-I/P 93AA76BT-E/STG 93AA76BT-I/OTG 93AA76BT |
8K Microwire Compatible Serial EEPROM 8K的微丝兼容串行EEPROM 8K Microwire Compatible Serial EEPROM 8K的微丝兼容串EEPROM
|
Microchip Technology Inc. Microchip Technology, Inc.
|